Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
56F8036 Data Sheet, Rev. 3
32
Freescale Semiconductor
Preliminary
TCK
(GPIOD2)
21
Input
Input/
Output
Input,
internal
pull-up
enabled
Test Clock Input — This input pin provides a gated clock to
synchronize the test logic and shift serial data to the JTAG/EOnCE
port. The pin is connected internally to a pull-up resistor. A Schmitt
trigger input is used for noise immunity.
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is TCK.
TMS
(GPIOD3)
47
Input
Input/
Output
Input,
internal
pull-up
enabled
Test Mode Select Input — This input pin is used to sequence the
JTAG TAP controller’s state machine. It is sampled on the rising
edge of TCK and has an on-chip pull-up resistor.
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is TMS.
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
Return to Table 2-2
Table 2-3 56F8036 Signal and Package Information for the 48-Pin LQFP (Continued)
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com