Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 60Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 61Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 62Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 63Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 164 page
background image
56F8036 Data Sheet, Rev. 3
64
Freescale Semiconductor
Preliminary
5.6.2.4
MSCAN Receive Interrupt Priority Level (MSCAN_RX IPL)—Bits 9–8
This field is used to set the interrupt priority level for MSCAN Receive IRQ. This IRQ is limited to
priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.2.5
MSCAN Error Interrupt Priority Level (MSCAN_ERR IPL)—Bits 7–6
This field is used to set the interrupt priority level for the MSCAN Error IRQ. This IRQ is limited to
priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.2.6
FM Command, Data, Address Buffers Empty Interrupt Priority Level
(FM_CBE IPL)—Bits 5–4
This field is used to set the interrupt priority level for the FM Command, Data Address Buffers Empty
IRQ. This IRQ is limited to priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.2.7
FM Command Complete Interrupt Priority Level (FM_CC IPL)—Bits 3–2
This field is used to set the interrupt priority level for the FM Command Complete IRQ. This IRQ is
limited to priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.2.8
FM Error Interrupt Priority Level (FM_ERR IPL)—Bits 1–0
This field is used to set the interrupt priority level for the FM Error IRQ. This IRQ is limited to priorities
0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com