Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 164 page
background image
Register Descriptions
56F8036 Data Sheet, Rev. 3
Freescale Semiconductor
91
Preliminary
6.3.10.9 Quad Timer A, Channel 0 Clock Enable (TA0)—Bit 0
•
0 = The clock is not provided to the Timer A0 module (the Timer A0 module is disabled)
•
1 = The clock is enabled to the Timer A0 module
6.3.11 Stop Disable Register 0 (SD0)
By default, peripheral clocks are disabled during Stop mode in order to maximize power savings. This
register will allow an individual peripheral to operate in Stop mode. Since asserting an interrupt causes the
system to return to Run mode, this feature is provided so that selected peripherals can be left operating in
Stop mode for the purpose of generating a wake-up interrupt.
For power-conscious applications, it is recommended that only a minimum set of peripherals be
configured to remain operational during Stop mode.
Peripherals should be put in a non-operating (disabled) configuration prior to entering Stop mode unless
their corresponding Stop Disable control is set to 1. Refer to the 56F802X and 56F803XPeripheral
Reference Manual for further details. Reads and writes cannot be made to a module that has its clock
disabled.
Note:
The MSCAN module supports extended power management capabilities including Sleep,
Stop-in-Wait, and Disable modes. MSCAN clocks are selected by MSCAN control registers. For
details, refer to the 56F802X and 56F803XPeripheral Reference Manual.
Figure 6-12 Stop Disable Register 0 (SD0)
6.3.11.1 Comparator B Clock Stop Disable (CMPB_SD)—Bit 15
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE0
register
6.3.11.2 Comparator A Clock Stop Disable (CMPA_SD)—Bit 14
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE0
register
6.3.11.3 Digital-to-Analog Converter 1 Clock Stop Disable (DAC1_SD)—Bit 13
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE0
register
Base + $E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
CMPB_
SD
CMPA_
SD
DAC1_
SD
DAC0_
SD
0
ADC_
SD
0
0
0
I2C_
SD
0
QSCI0_
SD
0
QSPI0_
SD
0
PWM_
SD
Write
RESET
0
0
0
0
00
0
000
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com