| Electronic Components Datasheet Search |
|
56F8036 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8036 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc |
|
74 / 164 page ![]() 56F8036 Data Sheet, Rev. 3 74 Freescale Semiconductor Preliminary 5.6.11 Fast Interrupt 0 Vector Address High Register (FIVAH0) Figure 5-13 Fast Interrupt 0 Vector Address High Register (FIVAH0) 5.6.11.1 Reserved—Bits 15–5 This bit field is reserved. Each bit must be set to 0. 5.6.11.2 Fast Interrupt 0 Vector Address High (FIVAH0)—Bits 4–0 The upper five bits of the vector address used for Fast Interrupt 0. This register is combined with FIVAL0 to form the 21-bit vector address for Fast Interrupt 0 defined in the FIM0 register. 5.6.12 Fast Interrupt 1 Match Register (FIM1) Figure 5-14 Fast Interrupt 1 Match Register (FIM1) 5.6.12.1 Reserved—Bits 15–6 This bit field is reserved. Each bit must be set to 0. 5.6.12.2 Fast Interrupt 1 Vector Number (FAST INTERRUPT 1)—Bits 5–0 These values determine which IRQ will be Fast Interrupt 1. Fast Interrupts vector directly to a service routine based on values in the Fast Interrupt Vector Address registers without having to go to a jump table first. IRQs used as Fast Interrupts must be set to priority level 2. Unexpected results will occur if a Fast Interrupt vector is set to any other priority. A Fast Interrupt automatically becomes the highest priority level 2 interrupt, regardless of its location in the interrupt table prior to being declared as Fast Interrupt. Fast Interrupt 0 has priority over Fast Interrupt 1. To determine the vector number of each IRQ, refer to the vector table. 5.6.13 Fast Interrupt 1 Vector Address Low Register (FIVAL1) Figure 5-15 Fast Interrupt 1 Vector Address Low Register (FIVAL1) Base + $A 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 0 FAST INTERRUPT 0 VECTOR ADDRESS HIGH Write RESET 00000 0000000 0000 Base + $B 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 FAST INTERRUPT 1 Write RESET 00000 0000000 0000 Base + $C 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read FAST INTERRUPT 1 VECTOR ADDRESS LOW Write RESET 00000 0000000 0000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |