Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 164 page
background image
Introduction
56F8036 Data Sheet, Rev. 3
Freescale Semiconductor
79
Preliminary
5.7.3
ITCN After Reset
After reset, all of the ITCN registers are in their default states. This means all interrupts are disabled,
except the core IRQs with fixed priorities:
•
Illegal Instruction
•
SW Interrupt 3
•
HW Stack Overflow
•
Misaligned Long Word Access
•
SW Interrupt 2
•
SW Interrupt 1
•
SW Interrupt 0
•
SW Interrupt LP
These interrupts are enabled at their fixed priority levels.
Part 6 System Integration Module (SIM)
6.1 Introduction
The SIM module is a system catchall for the glue logic that ties together the system-on-chip. It controls
distribution of resets and clocks and provides a number of control features. The System Integration
Module’s functions are discussed in more detail in the following sections.
6.2 Features
The SIM has the following features:
•
Chip reset sequencing
•
Core and peripheral clock control and distribution
•
Stop/Wait mode control
•
System status control
•
Registers containing the JTAG ID of the chip
•
Controls for programmable peripheral and GPIO connections
•
Peripheral clocks for TMR and PWM with a high-speed (3X) option
•
Power-saving clock gating for peripherals
•
Three power modes (Run, Wait, Stop) to control power utilization
— Stop mode shuts down the 56800E core, system clock, and peripheral clock
— Wait mode shuts down the 56800E core and unnecessary system clock operation
— Run mode supports full device operation
•
Controls the enable/disable functions of the 56800E core WAIT and STOP instructions with write protection
capability
•
Controls the enable/disable functions of Large Regulator Standby mode with write protection capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com