| Electronic Components Datasheet Search |
|
56F8036 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8036 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc |
|
104 / 164 page ![]() 56F8036 Data Sheet, Rev. 3 104 Freescale Semiconductor Preliminary 6.3.21.7 Select Input Peripheral Source for PWM2/PWM3 Pair Source (IPS0_PSRC1)—Bits 5–3 This field selects the alternate input peripheral source signal to feed PWM input PSRC1 as the PWM2/PWM3 pair source. • 000 = I/O pin (External) - Use a PSRC1 input pin as PWM source (default) • 001 = TA2 (Internal) - Use Timer A2 output as PWM source • 010 = ADC SAMPLE1 (Internal) - Use ADC SAMPLE1 result as PWM source — If the ADC conversion result in SAMPLE1 is greater than the value programmed into the High Limit register HLMT1, then PWM2 is set to 0 and PWM3 is set to 1 — If the ADC conversion result in SAMPLE1 is less than the value programmed into the Low Limit register LLMT2, then PWM2 is set to 1 and PWM3 is set to 0 • 011 = CMPAO (Internal) - Use Comparator A output as PWM source • 100 = CMPBO (Internal) - Use Comparator B output as PWM source • 11x = Reserved • 1x1 = Reserved 6.3.21.8 Select Input Peripheral Source for PWM0/PWM1 Pair Source (IPS0_PSRC0)—Bits 2–0 This field selects the alternate input peripheral source signal to feed PWM input PSRC0 as the PWM0/PWM1 pair source. • 000 = I/O pin (External) - Use a PSRC0 input pin as PWM source (default) • 001 = TA0 (Internal) - Use Timer A0 output as PWM source • 010 = ADC SAMPLE0 (Internal) - Use ADC SAMPLE0 result as PWM source — If the ADC conversion result in SAMPLE0 is greater than the value programmed into the High Limit register HLMT1, then PWM0 is set to 0 and PWM1 is set to 1 — If the ADC conversion result in SAMPLE0 is less than the value programmed into the Low Limit register LLMT2, then PWM0 is set to 1 and PWM1 is set to 0 • 011 = CMPAO (Internal) - Use Comparator A output as PWM source • 100 = CMPBO (Internal) - Use Comparator B output as PWM source • 11x = Reserved • 1x1 = Reserved 6.3.22 Internal Peripheral Source Select Register 1 for Digital-to-Analog Converters (SIM_IPS1) See Section 6.3.21 for general information about Internal Peripheral Source Select registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |