Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 3 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SYMBOL
PARAMETER AND CONDITIONS
UNITS
MIN
TYP
MAX
IC Performance Parameters
VCC
Supply Voltage
V
2.7
3.0
3.3
ICC
Total Circuit Current, VCC = 3.0 V, no signal
mA
25
31
ICC_PL
Power Down Node Current
mA
0.15
ICC_XO
Crystal Oscillator Supply Current, (Pin 15 = 0 V, Pin 16 = 3 V)
mA
2.7
ICC_RX
Receiver Supply Current, (Pin 15 = 0 V, Pin 16 = 3 V)
mA
22.3
Functional Blocks Current Details
ICC_LNA
Supply Current of LNA, RF off
mA
2.6
ICC_MIX1
Supply Current of RF Mixer, RF off
mA
6.7
ICC_MIX2
Supply Current of IF Mixer, RF off
mA
3.5
ICC_IFAMP
Supply Current of IF Amplifier, RF off
mA
1.1
ICC_XO
Crystal Oscillator Supply Current
mA
2.7
ICC9
PLL Supply Current
mA
6.3
ICC_CF
Control Functions Supply Current
µA
2.1
VIL
Power Down Pin Logic LOW Level
V
0.6
VIH
Power Down Pin Logic HIGH Level
V
1.8
τd_PON
Power-on Response Time
ms
3
CURRENT BUDGET
UPB1007K
APPLICATION EXAMPLE
1575.42 MHz
1575.42 MHz
1575.42 MHz
8
PD
25
2
LOOP FILTER
TUNING ELEMENT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com