Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 4 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Pin No.
Symbol
Function and Application
Internal Equivalent Circuit
1
LNAout
2VCC (Vreg)
3
GND (Vreg)
4
RF MIXin
5
GND (MIX)
6
1stLO-OSC1
7
1stLO-OSC2
8VCC (1stLO-OSC)
9VCC
(Charge Pump)
10
PD-out
11
GND
(Charge Pump)
PIN FUNCTIONS
Output pin of LNA. Output biasing
and matching required as it is an open
collector output.
Supply voltage pin of regulator mixer
block.
Input pin of RF mixer. 1575.42 MHz
band pass filter can be inserted between
pin 1 and mixer input.
Ground pin of RF mixer cell.
This is a current mode charge pump
output for connection to a passive RC
loop filter for driving the external varactor
diode of 1stLO-OSC.
Supply voltage pin of the phase detector
charge pump.
Ground pin of regulator reference cell.
UPB1007K
Pins 6 & 7 are base pins of the differential
amplifier for 1st LO oscillator. These pins
should be equipped with LC and varactor
circuits to oscillate at 1636.8 MHz.
Supply voltage pin of differential amplifier
for 1st LO oscillator circuit (VCO).
Ground pin of phase detector charge
pump.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com