Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 6 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 6 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pin No.
Symbol
Function and Application
Internal Equivalent Circuit
18
XO2
19
XO1/REFin
20
VCC
(Ref Block)
21
GND
(Ref Block)
22
2nd IFout
23
VCC
2ndIFAMP
24
2ndIF bypass
25
2ndIFin2
26
2ndIFin1
27
GND
(2ndIF AMP)
28
IF MIXout
29
VCC (IF MIX)
PIN FUNCTIONS
Output pin from IF mixer. IF mixer output
signal goes through gain control amplifier
before this emitter follower output port.
Bypass pin of 2nd IF amplifier input. This
pin should be grounded via a capacitor.
Pin 2 of 2nd IF amplifier input. This pin
should be grounded via a capacitor.
Supply voltage pin of IF mixer, gain control
amplifier.
Pin 1 of 2nd IF amplifier input . 2nd IF filter
can be inserted between 26 & 28.
Ground pin of 2nd IF amplifier.
Differential crystal oscillator input.
Differential crystal oscillator input. If
crystal oscillator is not used, this pin can
be used as an input pin of the reference
frequency buffer. This pin should be
equipped with an external 16.368 MHz
oscillator (e.g. TCXO).
Supply voltage pin of output charge pump
of the crystal oscillator.
Ground pin of the crystal oscillator,
prescaler, phase detector and VCO.
Output pin of 2nd IF amplifier. This pin
output 4.092 MHz clipped sinewave. This
pin should be equipped with external
inverter to adjust level to next stage on
user's system.
Supply voltage pin of 2ndIF amplifier
UPB1007K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com