Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 1 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PART NUMBER
UPB1007K
PACKAGE OUTLINE
QFN-36
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current, No Signals
mA
25
31
VCC
Supply Voltage
V
2.7
3.0
3.3
LNA (fRFin = 1575.42 MHz, ZL = ZS = 50 Ω)
Ω)
Ω)
Ω)
Ω)
ZLNAin
RF Input Impedance of LNA
Ω
28 - j38
ZLNAop
RF Output Impedance of LNA
Ω
85 - jx6
P1dBLNA
1 dB Compression, Input matched
dBm
-22
PGLNA
Power Gain LNA, Input matched, PRFin = -60 dBm
dB
14
15
NFLNA
Noise Figure of LNA, Input matched
dB
2.8
3.2
Mixer (fRFin = 1575.42 MHz, f1stLOin = 1636.80 MHz, PLO = -10 dBm, f1stIF = 61.38 MHz, ZL = ZS = 50 Ω
Ω
Ω
Ω
Ω)
ZMIXin
RF Input Impedance of Mixer
Ω
31 -j103
P1dBMIX
1 dB Compression (refer to input), Input matched
dBm
-25
PCGMIX
Power Conversion Gain
dB
21
NFMIX
Noise Figure of Mixer (SSB), Input matched
dB
9.5
10
ALO-IF
LO Leakage to IF Pins, PLO = -10 dBm
dBm
-40
ALO-RF
LO Leakage to RF Input Pins, PLO = -10 dBm
dBm
-48
ZMIXout
RF Output Impedance of Mixer
+152 - j9
PLL
ICPOH
PLL Charge Pump High Side Current @ VCPout = VCC/2mA
1
ICPOL
PLL Charge Pump Low Side Current @ VCPout = VCC/2mA
-1
fPD
Phase Comparison Frequency
MHz
8.184
IF Downconverter Block (f1stIFin = 61.38 MHz, f2ndLOin = 65.472 MHz, f2ndIF output = 4.092 MHz, ZS = 2k
Ω, ZL = 2 kΩ)
NF2ndMIX
Noise Figure of 2nd IF Mixer (SSB), (ZS = 50Ω)
dB
12
GV2ndMIX
Voltage Gain of 2nd Mixer/Amplifier, P1stIF = -50 dBm
dB
47
VGC
Gain Control Voltage (Voltage at maximum gain)
V
0.5
DGC
Gain Control Range, P1stIF = -50 dBm
dB
20
(Voltage at maximum gain)
A2ndLO1stIF
2nd LO Isolation to 1st IF Input Pins, VAGC = 0 V
dB
-70
A2ndLO2ndIF
2nd LO Isolation to 2nd IF Output Pins, VAGC = 0 V
dB
-70
FEATURES
UPB1007K
3 V DUAL DOWNCONVERTER AND
PLL FREQUENCY SYNTHESIZER
DESCRIPTION
NEC's UPB1007K is a Silicon RFIC designed for low cost GPS
receivers. The IC combines an LNA, followed by a double-
conversion RF/IF downconverter block and a PLL frequency
synthesizer on one chip. The chip also includes an on-board
crystal oscillator working up to 16 MHz which can be used as
a CPU reference for fast locking. The device operates on a 3
V supply voltage and is housed in a small 36 pin QFN (Quad
Flat No-lead) package, resulting in low power consumption
and reduced board space. The device is manufactured using
the state of the art UHS0 25 GHz fT silicon bipolar process.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 3.0 V, unless otherwise specified)
APPLICATIONS
• LOW POWER HANDHELD GPS RECEIVER
• IN-VEHICLE NAVIGATION SYSTEMS
• PC/PDA+GPS INTEGRATION
• INTEGRATED RF BLOCK:
LNA, RF & IF Downconverter + PLL frequency
synthesizer + on-chip crystal oscillator
• STATE OF THE ART 25 GHz fT UHS0 BIPOLAR
PROCESS
• DOUBLE-CONVERSION: f1stIF = 61.380 MHz
f2ndIF = 4.092 MHz
• ADJUSTABLE GAIN: 20 dB range MIN
• FIXED DIVISION PRESCALER
• LOW POWER CONSUMPTION: 25 mA @ 3 V
• SMALL 36 PIN QFN PACKAGE
Flat lead style for better performance
• TAPE AND REEL PACKAGING AVAILABLE
California Eastern Laboratories


Similar Part No. - UPB1007K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1007K RENESAS-UPB1007K Datasheet
510Kb / 29P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
UPB1007K RENESAS-UPB1007K Datasheet
367Kb / 27P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
UPB1007K-E1 RENESAS-UPB1007K-E1 Datasheet
510Kb / 29P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
More results

Similar Description - UPB1007K

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com