Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 5 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin No.
Symbol
Function and Application
Internal Equivalent Circuit
12
VCC
(Divider Block)
13
LO_out
14
XO_out
15
PD1
16
PD2
17
REFout
PIN FUNCTIONS
UPB1007K
Supply voltage pin of prescaler, phase
detector, crystal oscillator, VCO buffer.
Monitor pin of comparison frequency at
phase detector.
Power down control pin
Low = Whole chip off except XTAL osc.
High = Whole chip on except XTAL osc.
Reference block standby mode.
Low = Reference block disabled.
High = Reference block enabled.
Monitor pin of crystal oscillator ÷2 output
at phase detector.
Output pin of reference frequency or
crystal oscillator. The frequency from pin
17 can be taken out as 1Vp-p swing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com