Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 7 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 7 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Pin No.
Symbol
Function and Application
Internal Equivalent Circuit
30
VGC (IF MIX)
31
IF-MIXin
32
GND (IF-MIX)
33
RF-MIXout
34
VCC (RF-MIX)
35
LNAin
36
GND (LNA)
PIN FUNCTIONS
Gain control voltage pin of IF mixer output
amplifier. This voltage performs forward
control, i.e., (VGC up
➝Gain down).
Input pin of IF mixer and IF VAGC.
Ground pin of IF mixer and IF VAGC.
Output pin of RF mixer . 1st IF filter must
be inserted between pins 31 and 33.
Supply voltage pin of RF mixer block. This
pin must be decoupled with capacitor (e.g.
1000 pF).
Input pin of low noise amplifier. Optimal
See Pins 1-3
input matching required for low noise
performance.
Ground pin of LNA.
UPB1007K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com