Electronic Components Datasheet Search
  English  ▼

X  

33099 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33099 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33099
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Load Dump Transient Voltage (1)
Negative Voltage (2)
VBAT
+VMAX
-VMIN
24
40
-2.5
V
ESD Voltage
Human Body Model (3)
Machine Model (3) (4)
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
-40 to 125
°C
Storage Temperature Range
TSTG
-45 to 150
°C
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = 125°C
Thermal Resistance, Junction-to-Ambient
PD
RΘJA
640
85
mW
°C/W
Peak Package Reflow Temperature During Reflow (5), (6)
TPPRT
Note 6
°C
Notes
1.
125 ns wide square wave pulse.
2.
Maximum time = 2 minutes.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω). ESD2 testing is performed in
accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
4.
ESD2 voltage capability of PHASE FILTER pin is greater than 150 V. All other device pins are as indicated.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com