Electronic Components Datasheet Search
  English  ▼

X  

33099 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33099 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33099
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Lamp Drain Short Circuit Threshold Voltage (7)
VTDSC
1.8
2.25
2.85
V
Lamp Drain Short Circuit Current
IDSC
2.0
2.5
3.0
Amps
Lamp Drain ON Voltage
Ilamp = 0.4 A
VD(SAT)
–
0.3
2.5
V
Lamp Drain-to-GATE Clamping Voltage
VDG
–
48.48
55
V
Lamp GATE Override Resistance
RLG
–
4.6
–
k
Ω
Lamp Driver Thermal Shutdown Temperature Limit (7)
TLIM
–
185
–
°C
GATE Drive Source Current
IPU
240
300
340
µA
GATE Drive Sink Current
IPD
400
480
560
µA
GATE Drive GATE-to-Source Clamping Voltage
VGS
10
12
15
V
Minimum Charge Pump GATE Drive Voltage
Vbat = Vsource = Vset
VG(MIN)
21.5
23.4
–
V
Source Short Circuit Threshold Voltage
VTSSC
1.85
2.3
2.75
V
Remote Input Resistance
Vrem = Vset
RREM
–
68
–
k
Ω
Phase Input Resistance
Vph = Vset
RPH
–
60
–
k
Ω
IGN Input Pull-Down Current
Vign = 1.25 V
IIGN
40
73
90
µA
LRC Input Current
Vlrc = 0 V
ILRC
35
45
55
µA
Notes
7.
Not 100% tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com