Electronic Components Datasheet Search
  English  ▼

X  

33099 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33099 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Document Number: MC33099
Rev. 6.0, 1/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Adaptive Alternator Voltage
Regulator
The 33099 is designed to regulate the output voltage in diode-
rectified alternator charging systems common to automotive
applications. The 33099 provides either an analog or digital fixed
frequency duty cycle (ON/OFF ratio) control of an alternator’s field
current. Load Response Control (LRC) of the alternator field current
is accomplished by selecting the duty cycle for prevailing engine
conditions to eliminate engine speed hunting and vibrations caused
by abrupt torque loading of the engine owing to sudden electrical
loads being applied to the system at low engine RPM. Four LRC rates
are selectable by connecting pins 7 and 8 to ground.
The 33099 uses a feedback voltage to establish an alternator field
current that is in harmony with system load currents. The output
voltage is monitored by an internal voltage divider scheme and
compared to an internal voltage ramp referenced to a bandgap
voltage. This approach provides precision output voltage control over
a wide range of temperature, electrical loads, and engine RPM.
Features
• External High-Side MOSFET Control of a Ground-Referenced
Field Winding
• LRC Active During Initial Start
•Vset at ±0.1 V @ 25°C
• <0.1 V Variation Over Engine Speeds of 2,000 to 10,000 RPM
• <0.2 V Variation Over 10% to 95% of Maximum Field Current
• Controlled MOSFET and Field Flyback Diode Recovery
Characteristics for Minimum RFI
• Trimmed Devices Available at 14.6 V and 14.8 V (typical) Vset
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33099 Simplified Application Diagram
VOLTAGE REGULATOR
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42567B
16-PIN SOICW
33099
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33099DW/R2
-40°C to 125°C
16 SOICW
MC33099CDW/R2
MCZ33099EG/R2
16 SOICW
(Pb-FREE)
MCZ33099CEG/R2
33099
FIELD
WINDING
IGNITION
SWITCH
CHASSIS
PHASE
GATE
SOURCE
PHASE FILTER
BAT
IGN
LAMP DRAIN
AGND
LRC1
LRC2
REMOTE
GND


Similar Part No. - 33099

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3309 BOURNS-3309 Datasheet
95Kb / 1P
3309 - 9 mm Round Trimming Potentiometer
logo
Heyco.
3309 HEYCO-3309 Datasheet
100Kb / 1P
Hinged Cable Holders
logo
Adafruit Industries
3309 ADAFRUIT-3309 Datasheet
95Kb / 2P
CP2104 Friend - USB to Serial Converter
logo
KR Electronics, Inc.
3309-330-90 KR-3309-330-90 Datasheet
104Kb / 3P
KR Electronics part number 3309-330-90 is a 330 MHz Band-pass filter
logo
Bourns Electronic Solut...
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
Round Trimming Potentiometer
More results

Similar Description - 33099

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com