Electronic Components Datasheet Search
  English  ▼

X  

33099 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33099 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33099
Figure 2. 33099 Simplified Internal Block Diagram
Field
Ignition
500
Stator
Ground
Battery
Low
Pass
0.6 V
Over
Voltage
Detect
1.25 V
Bandgap
Reference
Regulator
VDD
Internal
V reg
and Bias
Current
Charge
Pump
Regulator
Min Duty
Cycle
OR1
LD
OV
REMOTE
Local
Sense
PHASE
BATT
GATE
V
Vref
(5.0 V)
(2.0 V)
1.25 V
S1
S2
CB1
CB2
LB
FB
Css
Z1
VTssc
A
N
D
4
S3
Vg
R1
R2
R3
R4
R5
RF
Cf
Vo
UV
Ign
Delay
Gate
Polling
Local
4 LSB
4MSB
8-Bit Counter
Digital
Duty Cycle
Generator
U/D
Counter
Np
Control
Switch
Up/Down
MUX
1.25 V
F2
DAC
A
N
D
3
1.25V
Batt
Polling
Drain
Lamp
Driver
Circuit
OR2
A
N
D
1
LCR1
LRC2
AGND
GND
LAMP
DRAIN
LAMP
GATE
IGN
Cds
Dtl
Z2
Rs
To
Logic
Polling
Lamp
A
N
D
2
u/d
u/d
F1
A/D
Comparator
& Tracking
Limit
Current
Limit
Thermal
Batt
DD
VTigm
Iign
VTdsc
(OTC)
Osc
REMOTE
PHASE
Alternate S
tator
Configuration
LCR TEST
P16
P 256
SOURCE
PHASE
FILTER
CF
Boundry for IC
MC33099
lpd
lpu
Vrem
Vrs
Vls
Cph
Vl
Crs
Vhvl
Vdac
Cdc
Cuv
Vfb
Cign
Vbat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com