Electronic Components Datasheet Search
  English  ▼

X  

33099 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33099 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33099
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Regulation Voltage @ 50% Duty Cycle
Vrem = Vset or Vrem < VTrem
MC33099
Vrem = Vset or Vrem < VTrem
MC33099C
VSET
14.55
14.3
14.8
14.6
15.05
14.85
V
Regulation Voltage Range
10% < DC < 95%
DVSET
–
210
300
mV
Regulation Voltage Temperature Coefficient (TC)
Vrem = Vbat or Vrem < VTrem
TC(VSET)
-13
-11
-9
mV/°C
Power Up/Down IGN Threshold Voltage
VTIGN
0.9
1.25
1.6
V
Operating Drain Current (Ignition ON)
Vign > VTign, Vrem = Vph = Vset, TA = 25°C
Vign > VTign, Vrem = Vph = Vset, -40°C ≤ TA ≤ 125°C
IQ1(ON)
IQ2(ON)
–
–
6.5
6.5
8.0
8.4
mA
Standby Drain Current (Ignition OFF)
Vign < VTign, Vph = 0 V, Vrem = Vbat = 12.6 V, TA = 25°C
Vign < VTign, Vph = 0 V, Vrem = Vbat = 12.6 V, -40°C ≤ TA ≤ 125°C
IQ1(OFF)
IQ2(OFF)
–
–
0.6
1.0
1.5
3.4
mA
Remote Loss Voltage Threshold
VTREM
4.2
4.5
4.8
V
Phase Detection Threshold Voltage
VTPH
3.75
4.0
4.25
V
Undervoltage Threshold Voltage
Vset = 14.8 typical
MC33099
Vset = 14.6 typical
MC33099C
VTUV
10.9
10.35
11.35
10.95
11.6
11.55
V
Overvoltage Threshold Voltage
Vset = 14.8 typical
MC33099
Vset = 14.6 typical
MC33099C
VTOV
16.15
15.8
16.65
16.4
17.15
17.0
V
Overvoltage Threshold Voltage TC
TC(VTOV)
–
-12.4
–
mV/°C
Load Dump Threshold Voltage
Vset = 14.8 typical
MC33099
Vset = 14.6 typical
MC33099C
VTLD
18.9
18.45
19.25
19.15
19.8
19.85
V
Load Dump Threshold Voltage TC
TC(VTLD)
–
-14.3
–
mV/°C
Secondary Regulation
Vset = 14.8 typical
MC33099
Vset = 14.6 typical
MC33099C
VSET2
18.0
17.65
18.5
18.15
18.8
18.75
V
Secondary Regulation TC
TC(VSET2)
–
-13.4
–
mV/°C
Secondary Load Dump Threshold Voltage
Vset = 14.8 typical
MC33099
Vset = 14.6 typical
MC33099C
VTLD2
23.5
23.5
24
23.85
25
24.65
V
Secondary Load Dump Threshold Voltage TC
TC(VTLD2)
–
-17.9
–
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com