Electronic Components Datasheet Search
  English  ▼

X  

33099 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33099
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Duty Cycle Regulation Output Frequency
fOSC/256
FDC
300
375
440
Hz
Phase Rotation Detection Frequency
F1
44.28
49
53.8
Hz
Low/High RPM Transition Phase Frequency
F2
267.5
296
325
Hz
GATE Duty Cycle at Startup and WOT
fph > f2
DCSTART
30
31.25
34.5
%
Minimum GATE LRC Duty Cycle
fph < f2
DC(LRC)MIN
29
31.25
33.5
%
Minimum GATE Duty Cycle
Vbat > Vreg(max)
DCMIN
2.1
3.1
3.3
%
LRC Increasing GATE Duty Cycle Rate
Low RPM Mode (fph < f2)
LRC1 at GND, LRC2 at GND
LRC1 Open, LRC2 at GND
LRC1 at GND, LRC2 Open
LRC1 Open, LRC2 Open
High RPM Mode (fph > f2)
R LRC1
R LRC2
R LRC3
R LRC4
RLRC(MAX)
–
–
–
–
–
9.31
12.45
18.71
37.42
616
–
–
–
–
–
%/s
Ignition Turn OFF Delay (Lamp ON)
TID(OFF)
–
10.2
–
ms
Lamp Short Circuit ON Polling Frequency
FLSC
–
98.6
–
Hz
Lamp Short Circuit ON Duty Cycle
DCL
–
1.56
–
%
Lamp OFF Polling Frequency
FL(OFF)
–
98.6
–
Hz
Lamp Polling OFF Duty Cycle
DCL(OFF)
–
1.56
–
%
Field Short Circuit ON Polling Frequency
FFSC
–
98.6
–
Hz
Field Short Circuit Polling ON Duty Cycle
DCF
–
1.56
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com