Electronic Components Datasheet Search
  English  ▼

X  

33288 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33288 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33288
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfuncion or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VBAT Voltage with Respect to GND : Continuous/Pulse
VBAT
-14 to 40
V
OUT1 and OUT2 Voltage with Respect to GND : Continuous/Pulse
VOUT
-0.3 to 40
V
OUT1 to VBAT and OUT2 to VBAT Voltage : Continuous/Pulse
VOUT
40
V
IN1, IN2, St DC Voltage : Continuous/Pulse
VIN
-0.3 to 7.0
V
CUR R Voltage : Continuous/Pulse
VCR
-0.3 to 7.0
V
ESD All Pins
Human Body Model (1)
Machine Model (2)
VESD1
VESD2
±2000
±200
V
OUT1, OUT2 Output Current : Pulse (3)
IOUTP
40
A
IN1, IN2, STATUS
IIN
±5.0
mA
THERMAL RATINGS
Junction Temperature
TJ
-40 to 150
°C
Storage Temperature Range
TSTORAGE
-65 to 150
°C
Thermal Resistance Junction to Case
RθJC
2.0
°C/W
Thermal Resistance Junction to Ambient (4)
RθJA
25
°C/W
Power Dissipation at Tcase 140
°C (5)
PD
5.0
W
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
2.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
3.
During lamp inrush current.
4.
Device mounted on dual side printed circuit board with 70
µm copper thickness and 10 cm2 copper heat sink (2.5 cm2 on top side and
7.5 cm2 on down side).
5.
Assuming a 150
°C maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com