Electronic Components Datasheet Search
  English  ▼

X  

33288 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33288 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33288
STATIC ELECTRICAL CHARACTERISTICS
Current Recopy Ratio
VOUT > VBAT -1.0 V, IOUT from 2.0 A to 4.0 A
TJ -40°C to 105°C, VBAT 9.0 V to 16 V
CR
–
1/1000
–
µA
Current Recopy Ratio Accuracy
VOUT > VBAT -1.0 V, IOUT from 2.0 A to 4.0 A
TJ -40°C to 105°C, VBAT 9.0 V to 16 V
CR-AC
-10
–
10
%
Extended Current Recopy Ratio
VOUT > VBAT -1.0 V, IOUT from 1.0 A to 8.0 A
CREX
–
1/1000
–
%
Extended Current Recopy Ratio Accuracy
VOUT > VBAT -1.0 V, IOUT from 1.0 A to 8.0 A
CREX-AC
-20
–
20
%
Current Recopy Clamp Voltage At 10mA
VCLST
5.5
–
7.0
V
Nominal Flasher Frequency Operation
FFL
–
1.5
–
Hz
Frequency Operation
FOP
–
–
100
Hz
Nominal Flasher Duty Cycle Operation
DCFL
–
50
–
%
WLP Output Drain to Source on Resistance
IOUT = 100 mA, VBAT > 9.0 V and TJ = 25°C
RWON
–
–
3.2
Ω
WLP Output Drain to Source on Resistance
IOUT = 100 mA, VBAT > 9.0 V and TJ = 125°C
RWON
–
–
5.0
Ω
WLP Output Current Limitation
VOUT = 0 V
IWLIM
–
500
–
mA
WLP Thermal Shutdown
TWSHUT
150
–
–
°C
Table 3. Static Electrical Charactersitics(continued)
Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com