Electronic Components Datasheet Search
  English  ▼

X  

33288 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 15Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33288
TYPICAL APPLICATIONS
OPERATIONAL MODES
TYPICAL APPLICATIONS
Figure 7. Typical Application - Automotive Flasher
Battery
MCU
OUT1
IN1
Left Side
OUT2
IN2
Charge
Pump
Fault
Input
Trigger
Over
Temp
Over
Current
OUT1
OUT2
GND
CHANNEL 1
CHANNEL 2
Current
Recopy
CUR R
Cr 2
Current Copy
Resistor
21+21+5W
Right Side
21+21+5W
A/D
I/O
Vbat
CR 1
Trailor Right Side
21+5W
21+5W
Trailor Left Side
33288
CB
R
R
Left
Right
I/O
R
ST
I/O
R
OUT1
OUT2
Monitoring
R : 10 k typical
RCR : 500 Ω to 1 kΩ typical
CB : 100 nF to 470 nF
RWLP : 100 Ω typical
St-2
St-1
RCR
Drive &
Protect
VBAT
Vbat
WLP
1.2 W
IN2
Warning Lamp
Driver
RWLP
Open
Load
VBATC
5.0 V
10 K
VBAT
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com