Electronic Components Datasheet Search
  English  ▼

X  

33288 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33288 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33288
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Power Supply
The MC33288 can be directly connected to the supply line.
In standby mode (IN1 and IN2 @ OV), the supply current is
less than 10 mA for VBAT supply voltage below 14 V. This
feature allows a very low supply current on the battery when
the car is idle or parked.
During the OFF state, the current recopy terminal and the
status terminals are in high impedance.
In case of loss of (digital) ground, the power MOSFETs
turn off in order to safely tie the load current to zero.
Nominal Voltage and Transient Operation
The nominal operation voltage is from 9.0 V to 16 V. The
MC33288 is functional over a larger voltage range from 8.0 V
to 35 V. The technology used for both power and analog
circuitry sustains 40 V DC voltage.
Reverse Battery
The MC33288 is self protected against reverse battery up
to -14 V in a continuous mode. When a negative battery
voltage arises, the MOSFETs are internally turned off. The
load current flows in the body diode of each MOSFET. The
power dissipation within the MC33288DH is then VF x ILOAD,
where ILOAD is the total current set by the loads and VF is the
forward body diode voltage. VF is 0.5 V typical at 150°C and
decreases with temperature with a drop of -2.0 mV/°C.
Power Output Switches
The device has two independent high-side switches. Each
switch is realized with an N-channel power MOSFET and
includes current and temperature sensing circuitries. The
MOSFET gates are driven by analog circuitry which includes
charge pump and fault detection. A specific feature of this
device is the output current recopy.
Each output has a 25 m
Ω R
DSON maximum at 25°C. The
RDSON value reaches 40 mΩ at 150°C junction temperature.
Each output has a parasitic drain to source diode, inherent to
the technology. This diode can sustain as much current as
the MOSFET. This diode is reversed biased during normal
operation of the MOSFET and is forward biased during
reverse battery or negative transient pulses.
The output MOSFET can each drive 8.0 A nominal. This
maximum current condition occurs when up to three 21 W
lamps and two small 5.0 W or 7.0 W lamps are connected on
each channel, at higher VBAT voltage specification. This is the
case when a trailor is attached to the car. As the flasher can
operate in warning or hazard operation mode with its two
channels on, the MC33288 can drive 16 A total.
When lamps are turned on, the inrush current can reach
up to 6 times the nominal lamp current. For this particular
application, the total inrush current can reach 6 x 8.0 A–that
is up to 48 A per channel. The 48 A value will only occur at
the first lamp turn-on. In order to optimise the total system
(MC33288, printed circuit board, wiring, fuse etc.), the device
incorporates a current limitation at 30 A typical. This means
that the first in rush current will be clamped at 30 A. The
second lamp turn-on of the flashing cycle will not see any
clamping as the lamps have been heated up in the previous
cycle.
IN1 and IN2 are the two inputs of the device, connected to
a microcontroller I/O; they are CMOS compatible. When
these inputs are in low state, the device is in standby mode.
When any of the inputs are switched to a high level, the
associated output MOSFET is turned on.
Status
The device has a single status terminal which reports an
overtemperature and an openload condition in the device.
This terminal is an open drain structure and needs an
external pull-up resistor. The device incorporates
overtemperature sense on each output MOSFET in order to
independently protect each output. But, the report of the
overtemperature is done through one single status terminal,
called STATUS, in order to minimize the number of I/O
connections of the MCU.
Open Load Function
The open load detection is active during the ON phase (hot
openload detection). An amplifier measures the differential
voltage between VBAT and VOUT.
When the load current is below 1.0 A, the openload
circuitry will pull down the status output. If the openload
condition is present before the device turn-on, the status will
be pulled down after a delay due to the rise time of the output.
Current Recopy Function
Flasher application needs to detect failed lamp. The
system must detect one 21 W lamp failing, in the flasher
application only, without a trailor. The MC33288 has an
output current recopy function which recopies on the CUR R
terminal a portion of the output current. Each channel is
connected to the same CUR R terminal as the system has to
operate in the flasher mode only and not in the warning
operation.
The MC33288 provides a current recopy of 1/1000 of the
main output current, either output left or right. The recopy
function has its higher accuracy of ±10% in the usual
operation range and an accuracy of ±20% in the total
operating range. This allows a precise detection of one 21 W
lamp, but also the detection of additional lamps in case of
trailor connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com