Electronic Components Datasheet Search
  English  ▼

X  

33288 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33288
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Transient Thermal Model
A more complete model including thermal capacitance is
proposed in Figure 3.
Figure 5. Transient Thermal Model
This gives a thermal impedance versus time (Figure 4),
which has been determined with the printed circuit board
shown in Figure 1.
Figure 6. Junction to Ambiant Thermal Impedance
This figure shows that the steady state is reached after
about 10 minutes. It also clearly shows that the device can
dissipate almost twice the power within one minute compared
to the maximum allowed power dissipation in steady state.
MOS1
MOS2
Control
Case
Board
Ambiant
3K/W
3K/W
3K/W
450K/W
3K/W
20K/W
6J/K
0.5J/K
4mJ/K
5mJ/K
5mJ/K
1mJ/K
3.5K/W
3.5K/W
300K/W
MOS3
30
20
10
0
0
100
200
300
400
500
600
700
800
Time (sec.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com