Electronic Components Datasheet Search
  English  ▼

X  

33288 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33288
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
An external resistor must be connected to the CUR R
terminal and then tied to a microcontroller A/D input for
analog voltage measurement. The CUR R terminal is
internally clamped to protect the MCU A/D input.
Warning Lamp Driver
The warning lamp driver is a 3.2
Ω R
DSON maximum
high-side MOSFET to control the 1.2 W dashboard warning
lamp. This output is current limited and thermally
protected-activated only in the warning mode. It is turned on
by activation of both right and left inputs (IN1 and IN2).
Package
The device is assembled into a power surface mount
package. This package offers high thermal performances
and high current capabilities. It offers 10 terminals on each
package sides and an additional terminal which is the
package heat sink , called terminal 21. The heak sink acts as
the MC33288 power VBAT connection.
Soldering Information
This device is packaged in a Surface Mount Power
package indended to be soldered directly on the Printed
Circuit Board.
This device was qualified according to JEDEC standards
JESD22-A113-B and J-STD-020A with the reflow conditions
applicable for packages with thickness above 2.5 mm:
Convection 220°C +5/-0°C
VPR 215-219°C
IR / Convection 220°C +5/-0°C
The maximum peak temperature during the soldering
process should not exceed 220°C (+5°C/-0°C). The time at
maximum temperature should range from 10 to 40s
maximum.
Thermal Management
The junction to case thermal resistance is 2
°C/W
maximum. The junction to ambient thermal resistance is
dependent on the mounting technology and the addition of
heat sink. One of the most commonly used mounting
techniques consists of using the printed circuit board and the
copper lines as heat sink.
Figure 3. Printed Board Layout Example (not to scale)
Figure 1 shows an example of printed circuit board layout.
It has a total of 10 cm2 additional copper on two sides (2.5
cm2 on the top side and 7.5 cm2 on the down side).
With the above layout, thermal resistance junction to
ambient of 25
°C/W can be achieved, this value being split
into:
• junction to case : RθJC1 = RθJC2 = 2°C/W
• case to ambient : RθCA = 23°C/W
Lower value can be reached with the help of larger and
thicker copper metal, higher number of thermal via from top
to down side pcb and the use of additional thermal via from
the circuit board to the module case.
Steady State Thermal Model
The junction to ambient thermal resistance of the circuit
mounted on a printed circuit board can be split into two main
parts: junction to case and case to ambient resistances.
A simplified steady state model is shown in Figure 2.
Figure 4. Simplified Thermal Model (Electrical
Equivalent)
Down side pcb
Top side pcb
2 cm2
8 cm2
HSOP20
external pcb (4x4 cm)
Thermal
via from
top to down
side pcb
Rthca
RθJC2
RθJC1
Chan 1 Junction
Ambient Temp Node
Chan 2
Case Temp Node
Chan 2 Junction
Temp Node
Temp Node
Chan 1
Switch
Chan 2
Switch
Power (W)
Chan 1
Power (W)
(1.0A=1W of
(1.0V=1
°C)
(Volts represent Die
Surface Temperature)
(1.0
Ω=1°C/W)
Power Dissipation)
2°C/W
2°C/W
25°C/W
AmbientTemperature
This paragraph is boilerplate - you may add to it but, can not change wording. You may change numeric values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com