Electronic Components Datasheet Search
  English  ▼

X  

33390 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33390
Description  Class B Serial Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33390 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33390 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33390
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33390 Pin Connections
Table 1. 33390 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 9.
Pin Number
Pin Name
Definition
1
SLEEP
Enables the transceiver when Logic 1 and disables the transceiver when Logic 0.
2
GND
Device ground pin.
3
LOAD
Accommodates an external pull-down resistor to ground to provide loss of ground protection.
4
BUS
Waveshaped SAE Standard J-1850 Class B transmitter output and receiver input.
5
VBAT
Provides device operating input power.
6
4X/LOOP
Tristate input mode control; Logic 0 = normal waveshaping, Logic 1 = waveshaping disabled for 4X
transmitting, high impedance = loopback mode.
7
TX
Serial data input (DI) from the microcontroller to be transmitted onto Bus.
8
RX
Bus received serial data output (DO) sent to the microcontroller.
2
3
4
8
7
6
5
11
2
4
3
8
7
5
6
RX
TX
VBAT
4X/LOOP
SLEEP
GND
LOAD
BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com