Electronic Components Datasheet Search
  English  ▼

X  

33390 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33390
Description  Class B Serial Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33390 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33390 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 15Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33390
TYPICAL APPLICATIONS
“start of frame” bit has been transmitted, the secondary node
transmitting the most consecutive logic [0] bits will be granted
sole transmission access to the bus for that message.
Loss of Assembly Ground Connection
The definition of a loss of assembly ground condition at the
device level is that all pins of the 33390, with the exception of
BUS and LOAD, see a very low impedance to VBAT.
The LOAD pin of the device has an internal transistor
switch connected to it that is normally saturated to ground.
This pulls the LOAD-side of the external resistor (tied from
BUS to LOAD) to ground under normal conditions. The LOAD
pin switch is essentially that of an “upside down” FET, which
is normally biased “on” so long as module ground is present
and biased “off” when loss-of-ground occurs. When a loss of
assembly ground occurs, the load transistor switch is self-
biased “off”, allowing no more than 100 µA of leakage current
to flow in the LOAD pin. During such a loss of assembly
ground condition, the BUS and LOAD pins exhibit a high
impedance to VBAT; all other pins will exhibit a low
impedance to VBAT. During this condition the BUS pin is
prevented from sourcing any current or loading the bus,
which would cause a corruption of any data being transmitted
on the bus. While a particular assembly is experiencing a loss
of ground, all other assembly nodes are permitted to function
normally. It should be noted that with other nodes existing on
the bus, the bus will always have some minimum/maximum
impedance to ground as shown in Table 5, page 10.
Loss of Assembly Battery Connection
The definition of a loss of assembly battery condition at the
device level is that the VBAT pin of the 33390 sees an infinite
impedance to VBAT, but there is some undefined impedance
between these pins and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com