Electronic Components Datasheet Search
  English  ▼

X  

33390 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33390
Description  Class B Serial Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33390 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33390 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33390
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions of 7.0 V
≤ V
BAT ≤ 16 V, -40°C ≤ TA ≤ 125°C, SLEEP = 5.0 V unless otherwise noted.
Typical values reflect the parameter's approximate midpoint average value with VBAT = 13 V, TA = 25°C. All positive currents are
into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS
BUS Voltage Rise Time (9) (9.0 V
≤ V
BAT ≤ 16 V, Tx = 7.812 kHz Square Wave)
(see Figure 5)
BUS Load = 3,300 pF and 1.38 k
Ω to GND
BUS Load = 16,500 pF and 300
Ω to GND
tRISE(BUS)
9.0
9.0
11.15
11.86
15
15
µs
BUS Voltage Fall Time (9) (9.0 V
≤ V
BAT ≤ 16 V, Tx = 7.812 kHz Square Wave)
(see Figure 5)
BUS Load = 3,300 pF and 1.38 k
Ω to GND
BUS Load = 16,500 pF and 300
Ω to GND
tFALL(BUS)
9.0
9.0
10.50
11.17
15
15
µs
Pulse Width Distortion Time (9.0 V
≤ V
BAT ≤ 16 V, Tx = 7.812 kHz Square
Wave) (see Figure 6)
BUS Load = 3,300 pF and 1.38 k
Ω to GND
tPWD(BUS)
35
62
93
µs
Propagation Delay
Tx Threshold to Rx Threshold
tPD(BUS)
–
17.7
25
µs
TX
Tx to BUS Delay Time (Tx = 2.5 V to VBUS = 3.875 V) (see Figure 7)
4X Mode
Normal Mode
tTXDELAY
–
13
2.6
17.3
4.0
24
µs
SLEEP
to Tx Setup Time (see Figure 7)
tSLEEPTXSU
80
40
–
µs
RX
Rx Output Delay Time (Tx = 2.5 V to VBUS = 3.875 V) (see Figure 8)
Low-to-Output High
High-to-Output Low
TRXDELAY/L–H
TRXDELAY/H–L
–
–
0.11
0.38
2.0
2.0
µs
Rx Output Transition Time (CRx = 50 pF to GND, 10% and 90% Points)
(see Figure 9)
Low-to-Output High
High-to-Output Low
tRXTRANS/L–H
tRXTRANS/H–L
–
–
0.34
0.08
1.0
1.0
µs
Rx Output Transition Time (10) (CRx = 50 pF to GND, SLEEP = 0 V, 10% and
90% Points) (see Figure 9)
Low-to-Output High
High-to-Output Low
tRXTRANS/L–H
tRXTRANS/H–L
–
–
0.32
0.08
5.0
5.0
µs
Notes
9.
Typical is the parameter's approximate average value with VBAT = 13 V, TA = 25°C.
10.
Rx Output Transition Time from a sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com