Electronic Components Datasheet Search
  English  ▼

X  

33390 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33390
Description  Class B Serial Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33390 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33390 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33390
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
TEST FIGURES
Figure 4. Loss of Ground or VBAT Test Circuit
Figure 5. BUS Rise and Fall Times
Figure 6. Pulse Width Distortion
Figure 7. SLEEP to Tx Delay Times
Figure 8. BUS-to-Rx Delay Time
Figure 9. Rx Rise and Fall Time
ILOAD(LOSS)
IBUS(LOSS)
33390
VBAT
GND
BUS
LOAD
-18 V to 9.0 V
-18 V to 9.0 V
64
µs
3.5 V
0.8 V
Tx
80%
20%
BUS
t RISE
tFALL
64
µs
5.0 V
0 V
Tx
1.5 V
tPWD(MAX
)
tPWD
tPWD(MIN)
BUS
SLEEP
2.5 V
tSLEEPTxSU
Tx
2.5 V
3.875 V
tTxDelay
Rx
2.5 V
BUS
tRxDelay/low-
to-output high
122
µs
3.875 V
tRxDelay/high-to-
output low
tRXTRANS/L–
tRXTRANS/H–L
90%
10%
90%
10%
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com