Electronic Components Datasheet Search
  English  ▼

X  

33390 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33390
Description  Class B Serial Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33390 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33390 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33390 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33390
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUS (CONTINUED)
LOAD Output
IL = 6.0 mA
LON
–
0.07
0.2
V
Unpowered LOAD Output
VBAT = 0 V, IL = 6.0 mA
LDIO
0.3
0.56
0.9
V
TX
Tx Input Voltage
Tx Input Logic Low Level
Tx Input Logic High Level
VTx(IL)
VTx(IH)
–
3.5
–
–
0.8
–
V
Tx Input Current
VTx = 5.0 V
VTx = 0 V
ITx(IH)
ITx(IL)
50
-2.0
106
0.23
200
2.0
µA
LOOP
4X/LOOP Input Current
V4X/LOOP = 0 V (Normal Mode)
V4X/LOOP = 5.0 V (4X Mode)
I4X/LOOP(IL)
I4X/LOOP(IH)
-200
-200
-60
110
200
200
µA
4X/LOOP Input Threshold (Tx = 4096 Hz Square Wave)
Normal Mode to Loopback Mode
Loopback Mode to 4X Mode
V4X/LOOP(IL)
V4X/LOOP(IH)
1.1
3.2
1.31
3.43
1.5
3.6
V
RX
Rx Output Voltage Low
VBUS = 0 V, IRx = 1.6 mA
VRx(LOW)
0.01
0.18
0.4
V
Rx Output Voltage High
VBUS = 7.0 V, IRx = -200 µA
VRx(HIGH)
4.25
4.58
4.75
V
Rx Output Current
VRx = High; Short Circuit Protection Limits
IRx
2.0
3.67
8.0
mA
SLEEP
SLEEP
Input Current
VSLEEP = 0 V
VSLEEP = 5.0 V
ISLEEP(IL)
ISLEEP(IH)
–
1.0
-0.23
6.21
-2.0
20
µA
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 7.0 V
≤ V
BAT ≤ 16 V, -40°C ≤ TA ≤ 125°C, SLEEP = 5.0 V unless otherwise noted.
Typical values reflect the parameter's approximate midpoint average value with VBAT = 13 V, TA = 25°C. All positive currents are
into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com