Electronic Components Datasheet Search
  English  ▼

X  

LB72 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 19Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 23Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 24Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 25Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 26Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
21
Utica® Beam Type Torque Wrenches
Utica beam wrenches are recommended for
quality control testing including non-destructive
and destructive applications. A contoured
plastic grip reduces operator fatigue and has a unique hand
guard, which prevents the operator’s hand from slipping into the
indicator plate. The satin finish on the scale plate reduces glare for
easy reading, regardless of direction of pull.
Utica beam wrenches feature exceptional accuracy retention,
which means calibration intervals can be extended. The deflecting
element is made of alloy steel, while the head is heat treated,
polished and nickel-plated for corrosion resistance. Plus, the beam
has no holds or welds, which can reduce wrench life. All of these
featured combined translate into lower total wrench cost.
s The most economical and reliable torque tool for general use.
s Measures torque in both right and left hand directions.
s Accuracy is ±4% of indicated reading.
B2600
Model
Drive
Range
Graduations
Weight
No.
Size (in.)
in.-lb
Nm
in.-lb
Nm
lb.
kg
B2600
3/8
0–600
0–70
25
5
1.3
0.6
Calibration certification may be provided with each tool for a nominal charge.
in.-lb./Nm Scale
Alloy Steel
Deflecting
Element
Dual Scale
Non-glare
Base Plate
Pivoted
Handle
Contour
Grip
Refer to page 4 for
description of Rapid Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com