Electronic Components Datasheet Search
  English  ▼

X  

LB72 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 7Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 8Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 9Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 10Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 11Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 12Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 13Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 14Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
9
Utica® Torque Limiting Screwdrivers
Standard Model Accessories & Kits
Cap
Set
Flathead
Hex
Screw
Screw
Screw
Part No.
Size
Size
Size
Size
185-000X
050
0
3,4
1,2
185-00X
1/16
1
5,6
3,4
185-0X
5/64
2,3
8
5,6
185-1X
3/32
4,5
10
8
185-9X
7/64
6-
-
185-2X
1/8
-
1/4
10
185-10X
9/64
8-
-
185-3X
5/32
10
5/16
1/4
185-4X
3/16
1/4
3/8
-
Hex Bits
Part No.
Point Size
Screw Size
446-0X
0
0,1
446-1X
1
2,3,4
446-2X
2
5,6,7,8,10
440-3X
3
12,14
Phillips Bits
Blade
Blade
Screw
Part No.
Width
Thickness
Size
445-00X
.134
.028
2,3
445-0X
.155
.030
3,4
445-10X
.185
.034
4,5
445-20X
.214
.036
5,6
445-30X
.250
.040
6,8
Screwdriver Bits
Square Drive Adapter
Part No.
Description
44-71-B
1/4 Hex to 1/4 Square.
Bit Holders
SAE Size Sockets
Part
Square
Hex
No.
Dr. (in.)
Opening (in.)
1108
1/4
1/4
1110
1/4
5/16
1112
1/4
3/8
1114
1/4
7/16
Metric Size Sockets
Part
Square
Hex
No.
Dr. (in.) Opening(mm)
6mm11
1/4
6mm
7mm11
1/4
7mm
8mm11
1/4
8mm
10mm11
1/4
10mm
Square
Female
Part No.
Drive (in.)
Hex (in.)
825
1/4
1/4
M-825
1/4
1/4
Magnetic
Miniature Bit Holders
Part No.
Description
HW-19
To adapt miniature accessories for
use in standard models.
See page 11 for accessories.
Kit No. KT-100
(Formerly Kit 1)
Range 20-100 in.-oz.
20 piece
Part No.
Qty. Comp.
Description
1
TS-100
Adj. torque screwdriver 1/4” fm. hex
1
TW3D
Torque screwdriver bld. .000
1
TW4D
Torque screwdriver bld. .100
1
TW6D
Hex socket 3/32”
1
TW7D
Hex socket 7/64”
1
TW12D
Hex key .028
1
TW13D
Hex key .035
1
185-000X Screwdriver hex bit .050
1
185-00X
Screwdriver hex bit 1/16”
1
185-0X
Screwdriver hex bit 5/64”
1
445-00X
Screwdriver bld. torque screw
SZ. 2, 3
1
445-10X
Screwdriver bld. torque screw
SZ. 4, 5
1
446-0X
Phillips bld. torque screw
SZ. 0, 1
1
446-1X
Phillips bld. torque screw
SZ. 2, 3, 4
1
44-71-B
Adapter 1/4” drive
1
HW19
Bit holder mini. torque
1
1104
1/4” Dr. reg. socket 1/8”
1
1106
1/4” Dr. reg. socket 3/16”
1
Plas/case
1
Insert
Kit No. KT-30
(Formerly Kit 2)
Range 6 to 30 in.-lb.
24 piece
Kit No. KT-130
(Formerly Kit 3)
Range 20 in.-oz. to 30 in.-lb.
43 piece
Kit KT-130
Part No.
Qty. Comp.
Description
1
TS-30
Adj. torque screwdriver 1/4” fm. hex
1
TW4D
Torque screwdriver bld. .100
1
TW7D
Hex socket 7/64”
1
TW13D
Hex key .035
1
185-000X Screwdriver hex bit .050
1
185-00X Screwdriver hex bit 1/16”
1
185-0X
Screwdriver hex bit 5/64”
1
185-1X
Screwdriver hex bit 3/32”
1
185-2X
Screwdriver hex bit 1/8”
1
185-3X
Screwdriver hex bit 5/32”
1
445-00X Screwdriver bld. torque screw SZ. 2, 3
1
445-10X Screwdriver bld. torque screw SZ. 4, 5
1
445-20X Screwdriver bld. torque screw SZ. 5, 6
1
445-30X Screwdriver bld. torque screw SZ. 6, 8
1
446-0X
Phillips bld. torque screw SZ. 0, 1
1
446-1X
Phillips bld. torque screw SZ. 2, 3, 4
1
44-71-B Adapter 1/4” drive
1
HW19
Bit holder mini. torque
1
1104
1/4” Dr. reg. socket 1/8”
1
1106
1/4” Dr. reg. socket 3/16”
1
1108
1/4” Dr. reg. socket 1/4”
1
1110
1/4” Dr. reg. socket 5/16”
1
Plas/case
1
Insert
Part No.
Qty. Comp.
Description
1
TS-30
Adj. torque screwdriver 1/4” fm. hex
1
TS-100
Adj. torque screwdriver 1/4” fm. hex
1
TW3D
Torque screwdriver bld. .080
2
TW4D
Torque screwdriver bld. .100
1
TW6D
Hex socket 3/32”
2
TW7D
Hex socket 7/64”
1
TW12D
Hex key .028
2
TW13D
Hex key .035
2
185-000X Screwdriver hex bit .050
2
185-00X
Screwdriver hex bit 1/16”
2
185-0X
Screwdriver hex bit 5/64”
1
185-1X
Screwdriver hex bit 3/32”
1
185-2X
Screwdriver hex bit 1/8”
1
185-3X
Screwdriver hex bit 5/32”
2
445-00X
Screwdriver bld. torque screw SZ. 2, 3
2
445-10X
Screwdriver bld. torque screw SZ. 4, 5
1
445-20X
Screwdriver bld. torque screw SZ. 5, 6
1
445-30X
Screwdriver bld. torque screw SZ. 6, 8
2
446-0X
Phillips bld. torque screw SZ. 0, 1
2
446-1X
Phillips bld. torque screw SZ. 2, 3, 4
1
446-2X
Phillips bld. torque screw SZ. 4, 6, 7,
8, 10
2
44-71-B
Adapter 1/4” drive
2
HW19
Bit holder mini. torque
1
1104
1/4” Dr. reg. socket 1/8”
1
1105
1/4” Dr. reg. socket 5/32”
2
1106
1/4” Dr. reg. socket 3/16”
1
1108
1/4” Dr. reg. socket 1/4”
1
1110
1/4” Dr. reg. socket 5/16”
1
Plas/case
1
Insert
CAUTION: 1. Under normal use, periodic recalibration may be necessary to ensure accurate readings and applied torque.
2. FOR EXTENDED SPRING LIFE, RETURN TO LOWEST SETTING AFTER EACH USE.
Refer to page 4 for
description of Rapid Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com