Electronic Components Datasheet Search
  English  ▼

X  

LB72 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 2Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 3Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 4Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 5Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 6Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 7Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 8Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 9Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Utica® Torque Products
Introduction
A Name You Can Trust
Utica products offer high quality solutions for your
torque applications ranging from torque screwdrivers,
click-, dial- and beam wrenches, to electronic torque
analyzers. Utica products add value to the assembly
process by enabling you to assess, control and
improve product reliability, which leads to customer
satisfaction. Whether the application is cellular
phone assembly involving fine threaded screws or
an automotive assembly operation fastening bolts,
Utica torque products are the right choice.
Quality
Our goal is to provide high quality
torque tools that will maintain
accuracy as long as possible. All
Utica torque products are made
of top grade materials. Working
parts are heat treated for added
strength and durability. Each Utica
torque tool is calibrated according
to ASME B107.14M before leaving the plant, using
test equipment traceable to NIST. Certification may
be provided with each tool for a nominal charge.
CooperTools manufacturing processes are ISO
9001 certified, which means that the Utica brand is
manufactured to the highest standards.
Warranty
Torque Products (excluding accessories) are
warranted as follows:
Product – One (1) year from date of purchase to
be free of defects in materials and workmanship.
Calibration – Ninety (90) days from date of purchase.
This warranty does not extend to any product,
which has been altered or abused.
Calibration Intervals
As a general rule, we recommend calibrating
Utica torque products every six months.
However, accurate calibration intervals need
to be based on quality objectives, number of
0
20
1
5
50
100
200
1000
Torque
Range
(Nm)
Click Wrenches
Ratchet
Head
Flex Head
Ratchet
Plain
Head
Preset
Interchangeable
Head “A”
Adjustable
Interchangeable
Head “A”
Preset
Interchangeable
Head “B”
Preset
Interchangeable
Head “B”
Adjustable
Torque
Range
(Nm)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
Dial & Beam Wrenches
Dial
in.-lb. Scale
Dial
ft.-lb. Scale
Beam
0
.25
.5
1
2
3
4
5
Torque
Range
(Nm)
Screwdrivers
Standard
Adjustable
Standard
Preset
Miniature
Adjustable
Miniature
Preset
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com