Electronic Components Datasheet Search
  English  ▼

X  

LB72 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 23Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 24Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 25Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 26Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 27Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Part No.
English
Metric
Sq. Drive
01-9232
5–50 in.-lb
56–564 cNm
1/4”
01-9233 10-100 in.-lb 112-1129 cNm
1/4”
01-9240
5-50 ft.-lb.
6-67 Nm
3/8”
01-9242 25-250 ft.-lb.
33-338 Nm
1/2”
Square drives conform to ASME B107 standards for
proper fit with transducer.
22
Utica® TA4 Torque Analyzer
The Utica TA4 is a great asset to
any quality assurance program
where torque analysis is
required. The TA4 provides torque verification
for a wide range of hand and power tools. This
includes dial, beam and click type torque
wrenches, most screwdrivers, and even pulse
tools. This versatile analyzer offers the operator a
variety of ways to easily verify torque applied with
a selection of seven engineering units: Oz In, Lb
In, Lb Ft, Nm, cNm, KgfCm, Kgfm. Plus, three
modes of operation are available – track, peak,
and first peak.
Data output can be viewed via the LCD display,
or downloaded to a computer at high speed.
Data is compatible with Windows 95, NT, and
Windows 98 for easy downloading. Each TA4
includes an RS-232 cable to complete the
connection between torque analyzer and
computer. Plus, instructions are included
on how to implement downloads.
s Internal accuracy +/-0.5% from 20% to 100% of range;
+/-1.0% from 10% to 19% of range.
s Clockwise and counterclockwise operation.
s Selectable filtering speeds: 500Hz, 1000Hz, 1800Hz, and
3000Hz – for accurate torque readings on pulse tools made by
a variety of manufacturers.
s NiMH rechargeable batteries provide 8-10 hours of continuous use.
s Can be mounted vertically or horizontally for added flexibility.
s Manual and auto reset functions to clear displayed values.
s Built-in sleep mode to save power when not in use.
s Includes an audio and visual alarm when high or low torque
limit is reached.
s Certificate of calibration supplied with each unit traceable to the
National Institute of Standards and Technology (NIST).
s 110 volt and 220 volt models available.
110V
220V
Torque Range
Square Drive
Model
Model
English
Metric
In.
mm
TA4-05B-1
TA4-05B-2
5–50 in.-lb.
.56–5.64 Nm
1/4
6.35
TA4-10B-1
TA4-10B-2
10–100 in.-lb.
1.13–11.29 Nm
1/4
6.35
TA4-05F-1
TA4-05F-2
5–50 ft.-lb.
6.78–67.79 Nm
3/8
9.53
TA4-25F-1
TA4-25F-2
25–250 ft.-lb
33.90–338.95 Nm
1/2
12.7
Run Down Adapters*
Part No.
01-9201
110V power supply for all TA4 systems
01-9202
220V power supply for all TA4 systems
Power Supplies*
Part No.
01-9205 RS-232 Cable
Cable*
*Each TA4 unit comes complete with the appropriate rundown fixture, power supply, RS-232 cable and case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com