Electronic Components Datasheet Search
  English  ▼

X  

LB72 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 10Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 11Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 12Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 13Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 14Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 15Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 16Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 17Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Click Wrenches
Utica click style torque wrenches
are built to exacting standards to
maintain maximum accuracy.
Only top grade materials are
used in Utica click wrenches.
Working parts are heat-treated
to increase durability and serv-
ice life. Each wrench is tested
with equipment traceable to NIST
standards. Because of a high commonality
of parts, the procedures for calibrating Utica
click wrenches are the same from the smallest to
the largest wrench in our product offering. This
saves the operator time and the expense of devel-
oping specific procedures for different wrench sizes.
Utica’s audible “click” plus a few degrees of travel
provides a simple, quick indication that the operator
has achieved the predetermined torque setting. All
Utica click wrenches incorporate a patented, low
friction torque control mechanism that produces
highly accurate readings in clockwise and counter-
clockwise directions. Plus, a patented, spring-loaded
locking collar locks the scale on the desired torque
setting. This prevents the operator from accidentally
using the wrench in the unlocked position.
Calibration Intervals
As a general rule, we recommend calibrating
Utica torque products every six months.
However, the quality objectives of the
operator’s organization will ultimately
determine the frequency of tool
calibration. Visit our website at
www.uticatools.com to
locate your nearest Utica
Service Center for
calibration.
12
Utica® “Click” Type Torque Sensing Wrenches
Introduction
0
20
5
50
100
200
1000
Torque
Range
(Nm)
Click Wrenches
Ratchet
Head
Adjustable
Flex Head
Ratchet
Adjustable
Plain
Head
Adjustable
Plain
Head
Preset
Interchangeable
Head “A”
Adjustable
Interchangeable
Head “A”
Preset
Interchangeable
Head “B”
Preset
Interchangeable
Head “B”
Adjustable
Forged Arm
For Strength
And Durability
Nickel Plated
Heavy-Duty
Hardened Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com