Electronic Components Datasheet Search
  English  ▼

X  

LB72 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 23Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 24Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 25Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 26Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 27Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 28Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
23
Utica® Torque Accessories
Torque Multipliers
s Multiply force to turn fasteners easily when working space is
limited and unusually high torque is required.
s Power ratios of 4 to 14 times are available.
s Rugged, precision-manufactured gear wrenches designed for
accurate torquing of large fasteners and for generating high
power output for loosening “frozen” nuts and bolts.
s Manual torque input from ratchet or torque wrench is multiplied
through planetary gearing and applied to the fastener.
s Minimum effort allows one man operation.
Anti-backlash Device
The device is built into the TMX2000FR models to solve “wind-up”
problems encountered when multipliers are used in confined areas.
Applied turning force is stored so that only a short arc is necessary
to complete the torquing process quickly and securely. Can be
coupled with larger torque multipliers where space is limited.
NOTE: Input and output rotation is in the same direction.
Therefore, rotation of the reaction bar is in the opposite direction. It
is necessary that the reaction bar rest securely against a stationary
object strong enough to withstand the force being generated.
Power loss due to friction in the gear train is approximately 15%.
TMX1000F
TMX12000F
Female
Male
Output
Cap.
Input
Output
Gear
Weight*
Length*
Model No.
ft.-lb.
Nm
Dr. (in.) Dr. (in.)
Ratio
lb.
kg
in.
mm
TMX1000F
1000
1350
1/2
3/4
4 to 1
7.0
3.2
22 559
TMX2000F
2000
2700
3/4
1
4 to 1
14.0
6.4
25 635
TMX2000FR** 2000
2700
3/4
1
4 to 1
15.0
6.8
25 635
TMX3000F
3000
4000
3/4
1 1/2 14.3 to 1 30.0 13.6
30 762
TMX4000F
4000
5400
1
1 1/2 4.33 to 1 30.0 13.6
30 762
TMX8000F†
8000 10800
1
1 1/2
4.6 to 1
47.0 21.3
32 813
TMX12000F† 12000 16000
1
2 1/2
6 to 1
73.0 33.1
30 762
*Includes reaction bar. **Anti-backlash model. †Available on special order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com