Electronic Components Datasheet Search
  English  ▼

X  

33887 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33887
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTIONS
voltage with its analog-to-digital converter (ADC). This is
intended to provide the user with motor current feedback for
motor torque control. The resistance range for the linear
operation of the FB pin is 100 <RFB <200 Ω.
If PWM-ing is implemented using the disable pin inputs
(either D1 or D2), a small filter capacitor (1.0
µF or less) may
be required in parallel with the external resistor to ground for
fast spike suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com