Electronic Components Datasheet Search
  English  ▼

X  

33887 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33887
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION
10.0
7/2005
• Added Thermal Addendum & Converted to Freescale format, Revised PQFN drawing, made
several minor spelling correction. Added 33887A
11.0
11/2006
• Updated Ordering information block with new epp information
• Changed the supply/ operating voltage from 40 V to 28 V
• Updated all package drawings to the current revision
• Adjusted to match device performance characteristics
• Updated the document to the prevailing Freescale form and style
• Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter from
Maximum Ratings on page 7.
• Added note (8)
• Added MCZ33887EK/R2 to the Ordering Information on Page 1
• Removed the 33887A from the data sheet and deleted Product Variation section now that is no
longer needed.
12.0
1/2007
• Changed the third paragraph of the introduction on page 1
• Altered feature number 1 on page 1
• Added feature number 2 on page 1
• Changed Maximum Supply Voltage (1) to 0.3 to 40 V
• Added note (1)
• Changed note (16)
• Added a third paragraph to Positive Power Supply (V+) on page 21
•Replaced Figure 20, Figure 21, and Figure 22 with updated information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com