Electronic Components Datasheet Search
  English  ▼

X  

33887 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33887
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 26. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
RθJS is the thermal resistance between die junction and the
reference location on the board surface near a center lead of the
package (see Figure 26).
EN
AGND
IN2
D1
CCP
V+
OUT2
OUT2
D2
PGND
PGND
FS
V+
OUT1
OUT1
FB
PGND
PGND
IN1
V+
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17
Tab
Tab
33887 Pin Connections
20-Pin HSOP-EP
1.27 mm Pitch
16.0 mm x 11.0 mm Body
12.2 mm x 6.9 mm Exposed Pad
A
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for thermal
testing
Area A:
Cu heat spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 8.
Thermal Resistance Performance
Thermal Resistance
Area A (mm2)
°C/W
RθJA
0.0
52
300
36
600
32
RθJS
0.0
10
300
7.0
600
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com