Electronic Components Datasheet Search
  English  ▼

X  

33887 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33887
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Table 6. Truth Table
The tri-state conditions and the fault status are reset using D1 or D2. The truth table uses the following notations: L = LOW,
H = HIGH, X = HIGH or LOW, and Z = High impedance (all output power transistors are switched off).
Device State
Input Conditions
Fault
Status
Flag
Output States
EN
D1
D2
IN1
IN2
FS
OUT1
OUT2
Forward
H
L
H
H
L
H
H
L
Reverse
H
L
H
L
H
H
L
H
Freewheeling Low
H
L
H
L
L
H
L
L
Freewheeling High
H
L
H
H
H
H
H
H
Disable 1 (D1)
H
H
X
X
X
L
Z
Z
Disable 2 (D2)
H
X
L
X
X
L
Z
Z
IN1 Disconnected
H
L
H
Z
X
H
H
X
IN2 Disconnected
H
L
H
X
Z
H
X
H
D1 Disconnected
H
Z
X
X
X
L
Z
Z
D2
Disconnected
H
X
Z
X
X
L
Z
Z
Undervoltage (34)
H
X
X
X
X
L
Z
Z
Overtemperature (35)
H
X
X
X
X
L
Z
Z
Short Circuit (35)
H
X
X
X
X
L
Z
Z
Sleep Mode EN
L
X
X
X
X
H
Z
Z
EN Disconnected
Z
X
X
X
X
H
Z
Z
Notes
34
In the case of an undervoltage condition, the outputs tri-state and the fault status is SET logic LOW. Upon undervoltage recovery, fault
status is reset automatically or automatically cleared and the outputs are restored to their original operating condition.
35
When a short circuit or overtemperature condition is detected, the power outputs are tri-state latched-OFF independent of the input
signals and the fault status flag is SET logic LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com