Electronic Components Datasheet Search
  English  ▼

X  

33887 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33887
PACKAGING
SOLDERING INFORMATION
PACKAGING
SOLDERING INFORMATION
The 33887 packages are designed for thermal
performance. The significant feature of these packages is the
exposed pad on which the power die is soldered. When
soldered to a PCB, this pad provides a path for heat flow to
the ambient environment. The more copper area and
thickness on the PCB, the better the power dissipation and
transient behavior will be.
Example Characterization on a double-sided PCB:
bottom side area of copper is 7.8 cm2; top surface is 2.7 cm2
(see Figure ); grid array of 24 vias 0.3 mm in diameter
.
Figure 24. PCB Test Layout
Top Side
Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com