Electronic Components Datasheet Search
  English  ▼

X  

34923 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34923 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
34923
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Load Supply Voltage
VBB
48
V
Logic Supply Voltage
VDD
7.0
V
Input Voltage
VIN
-0.3 to VDD + 0.3
V
Sense Voltage
VS
0.5
V
Reference Voltage
VREF
2.7
V
Output Current (Note 1)
IOUT
±2.0
A
Storage Temperature
TS
-55 to 150
°C
Ambient Temperature
TA
-20 to 85
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Power Dissipation (TA = 25°C) (Note 2)
PD
1.6 (Note 3)
W
ESD Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
VESD1
VESD2
±2000
±200
V
Lead Soldering Temperature (Note 6)
TSOLDER
260
°C
Thermal Resistance Junction-to-Ambient (Note 2)
RθJA
56
°C/W
Notes
1.
Output current rating may be limited by duty cycle, ambient temperature, and heatsinking. Under any set of conditions, do not exceed the
specified current rating or a junction temperature of 150°C.
2.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
3.
Per SEMI G42-88 specification.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
5.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
6.
Lead soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com