Electronic Components Datasheet Search
  English  ▼

X  

34923 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
34923
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
12
PWM Blank Timer
When a source driver turns on, a current spike occurs owing
to the reverse recovery currents of the clamp diodes and/or
switching transients related to distributed capacitance in the
load. To prevent this current spike from erroneously resetting
the source-enable latch, the sense comparator is blanked. The
blank timer runs after the off-time counter (see bits D2–D6) to
provide the programmable blanking function. The blank timer is
reset when PWM/ENABLE is chopped or DIR is changed. For
external PWM control, a DIR change or PWM/ENABLE on will
trigger the blanking function.
Synchronous Rectification
When a PWM off cycle is triggered, either by an PWM/
ENABLE chop command or internal fixed off-time cycle, load
current will recirculate according to the decay mode selected by
the control logic. The 34923 synchronous rectification feature
will turn on the opposite pair of outputs during the current decay
and effectively short out the body diodes with the low RDS(ON)
driver. This will reduce power dissipation significantly and can
eliminate the need for external Schottky diodes.
Synchronous rectification can be configured in active mode,
passive mode, or disabled via the serial port (bits D11 and
D12).
The active or passive mode selection has no impact in slow-
decay mode. With synchronous rectification enabled, the slow-
decay mode serves as an effective brake mode.
Current Regulation
Load current is regulated by an internal fixed off-time PWM
control circuit. When the outputs of the H-bridge are turned on,
the current increases in the motor winding until it reaches a trip
value determined by the external sense resistor (RS), the
applied analog reference voltage (VREF), the SPAN logic level,
and serial data bit D16:
When SPAN = D16, ITRIP =VREF/10RS
When SPAN
≠ D16, ITRIP =VREF/5RS
At the trip point, the sense comparator resets the source-
enable latch, turning off the source driver. The load inductance
then causes the current to recirculate for the serial-port-
programmed fixed off-time period. The current path during
recirculation is determined by the configuration of slow/mixed
current-decay mode (D17) and the synchronous rectification
control bits (D11 and D12).
Internal PWM (Current Mode) PWM Frequency
The internal PWM opeating frequency is set by the sum of
“Off Time”, as determined by bits D2 through D6, “Blank Time”,
as determined by bits D0 and D1, and the time constant of the
motor.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com