Electronic Components Datasheet Search
  English  ▼

X  

34923 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34923 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
34923
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
FUNCTIONAL DESCRIPTION
Serial Interface
The 34923 is controlled via a 3-wire (clock, data, strobe)
serial port. The programmable functions allow maximum
flexibility in configuring the PWM to the motor drive
requirements. The serial data is clocked in starting with bit D19.
D0–D1, Blank Time
The current-sense comparator is blanked when any output
driver is switched on in accordance with the table below. fosc is
the oscillator input frequency.
D2–D6, Fixed Off-Time
A five-bit word sets the fixed off-time for internal PWM
current control. The off time is defined as follows:
toff = (8[1 + N] /fosc) - 1/fosc
where N = 0 to 31.
For example, with an oscillator frequency of 4.0 MHz, the off-
time is adjusted from 1.75
µs to 63.75 µs in increments of
2.0
µs.
D7–D10, Fast Decay Time
A four-bit word sets the fast decay portion of the fixed off-time
for the internal PWM control circuitry. This will only have impact
if the mixed current decay mode is selected (via bit D17 and the
PWMMODE input pin). For tfd > toff, the device will effectively
operate in the fast decay mode. The fast decay portion is
defined as follows:
tfd = (8[1 + N]/fosc) - 1/fosc
where N = 0 to 15.
For example, with an oscillator frequency of 4.0 MHz, the fast
decay time is adjusted from 1.75
µs to 31.75 µs in increments
of 2.0
µs.
D11–D12, Synchronous Rectification Control
The active mode prevents reversal of load current by turning
off synchronous rectification when a zero current level is
detected. The passive mode will allow reversal of current but
will turn off the synchronous rectifier circuit if the load current
inversion ramps up to the current limit set by VREF/RS.
D13, External PWM Decay Mode
Bit D13 determines the current decay mode when using
PWM/ENABLE chopping for external PWM current control.
Bit
Function
D0
Blank Time LSB
D1
Blank Time MSB
D2
Fixed Off-Time LSB
D3
Fixed Off-Time Bit 1
D4
Fixed Off-Time Bit 2
D5
Fixed Off-Time Bit 3
D6
Fixed Off-Time MSB
D7
Fast Decay Time LSB
D8
Fast Decay Time Bit 1
D9
Fast Decay Time Bit 2
D10
Fast Decay Time MSB
D11
Synchronous Rectification Mode
D12
Synchronous Rectification Enable
D13
External PWM Decay Mode
D14
Enable Logic
D15
Direction Logic
D16
Divisor SPAN Select
D17
Internal PWM Mode
D18
Test Mode
D19
Sleep Mode
D0
D1
Blank Time
0
0
4/fosc
1
0
6/fosc
0
1
12/fosc
1
1
24/fosc
D11
D12
Synchronous
Rect. Control
0
0
Disabled
0
1
Active
1
0
Disabled
1
1
Passive
D13
Current
Decay Mode
0
Fast
1
Slow
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com