Electronic Components Datasheet Search
  English  ▼

X  

34923 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34923 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
34923
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
CONTROL LOGIC (continued)
Reference Divider Ratio
Bit D14 = High
Bit D14 = Low
–
9.9
4.95
10
5.0
10.2
5.05
–
Thermal Shutdown Temperature
TJ
–
165
–
°C
Thermal Shutdown Hysteresis
∆TJ
–15–
°C
Undervoltage Lockout Enable Threshold
Increasing VDD
UVLO
3.90
4.2
4.45
V
Undervoltage Lockout Hysteresis
∆UVLO
0.05
0.10
–
V
Logic Supply Current
fPMW < 50 kHz
Sleep Mode, Inputs <0.5 V
IDD
–
–
6.0
–
10
2.0
mA
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions TA = 25°C, VBB = 45 V, VDD = 5.0 V, VSENSE = 0.5 V, and fPWM < 50 kHz unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com