Electronic Components Datasheet Search
  English  ▼

X  

34923 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34923 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
34923
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 34923 Simplified Block Diagram
Bandgap
VDD
Thermal Shutdown
Undervoltage
and
Fault Detect
PWMMODE
DIR
PWM/ENABLE
Control Logic
Charge
Pump
VBB
Bandgap
Regulator
VREG
Gate
Drive
DCMA
DCMB
Fixed-Off
Blank
Decay
Programmable
PWM Timer
OSC
DATA
STROBE
SPAN
SENSE
CS
RS
Reference
Buffer and
Divider
Load Current
Sense
Current
Zero
Current
Detect
Sleep Mode
Serial Port
VREF
CLOCK
VDD
Reference
5.0 V
45 V
Motor
OSC
(160 kHz)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com