Electronic Components Datasheet Search
  English  ▼

X  

SA5778 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5778
Description  Serial triple gauge driver STGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5778 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5778 Datasheet HTML 3Page - NXP Semiconductors SA5778 Datasheet HTML 4Page - NXP Semiconductors SA5778 Datasheet HTML 5Page - NXP Semiconductors SA5778 Datasheet HTML 6Page - NXP Semiconductors SA5778 Datasheet HTML 7Page - NXP Semiconductors SA5778 Datasheet HTML 8Page - NXP Semiconductors SA5778 Datasheet HTML 9Page - NXP Semiconductors SA5778 Datasheet HTML 10Page - NXP Semiconductors SA5778 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
SA5778
Serial triple gauge driver (STGD)
1998 Apr 03
7
Table 1.
Truth Table
RUN
Input
1=High
GOE
Input
1=High
SwControl
1=ON
Swbatt1,2
Voltage
Minor Gauge Driver
Outputs
Major Gauge
Driver Outputs
System Status
0
0
0
Off
High Impedance
High
Impedance
Standby mode
1
0
1
VBATT
Enabled
(output forced to zero)
High
Impedance
Start up mode, sets minor gauge driver to
zero position, and disables major gauge
driver. Load values into STGD via the serial
port.
1
1
1
VBATT
Enabled
Enabled
Normal Operating mode. Periodically
update gauge data as required by the
application.
0
1
1
VBATT
Enabled
Enabled
Power down sequence. Load a series of
values into the STGD to return needles to
zero before power is removed.
0
0
0
Off
High Impedance
High
Impedance
Returned to standby mode (same as first
row of table)
THERMAL MANAGEMENT AND POWER
DISSIPATION
The power dissipated by the STGD has three components. The first
term in the equation below represents the power dissipated in the
STGD from current through the coil resistance. This component of
the power dissipation is a function of both the battery voltage and
the coil resistance. Most of the external loads such as the coils are
resistive, so the current drawn by the output buffers is proportional
to the supply voltage, resulting in power dissipation that is
proportional to the square of the supply voltage for these circuits.
The highest power dissipation for a given coil driver will occur when
the coil voltage is being driven to 50% of VBATT. Thus the power
dissipated by each coil driver is (VBATT/2)* (VBATT/2Rc) or
VBATT(VBATT/4Rc). If the coil resistance of the two minor gauge coils
and the two coils of the major gauge all have the same resistance,
then the maximum total power dissipation of the drivers becomes
4*VBATT(VBATT/4Rc) or simply VBATT(VBATT/Rc). Much of the
internal analog circuits appears to the supply pins as a current sink
and is represented by the second term. The current drawn by these
circuits is relatively constant despite changes in supply voltage,
resulting in power dissipation that is proportional to the supply
voltage. Finally some power is dissipated in driving the external PNP
transistor used to control the switched battery supply. The total
power dissipation is a combination of these components and may be
calculated from the formula:
PD=VBATT(VBATT/RC)+VBATT(0.012) +
VOL2(VBATT–VOL2–VBE(PNP))/RB
Where:
PD = Power dissipation in watts
VBATT = Battery supply voltage in volts
RC = Coil resistance in ohms at ambient temperature including
any self heating effects
VOL2 = Output low voltage of the SwCONTROL pin as specified
in the DC Characteristics
VBE(PNP)= The VBE drop of the external PNP transistor
RB = Resistor is series with base of external PNP transistor.
The minimum value of RB = VBATTMAXIOL=16/0.050=320 Ω
The actual value used is dependent on the current needed to
keep the PNP in saturation.
All gauges at 45
° to a quadrant axis, as this is the highest
internal power dissipation position.
If only the nominal coil resistance is known at a given nominal
ambient temperature such as 25
°C, the coil operating resistance at
a high temperature ambient may be calculated using the following
formula:
RCA = RCN (1+(0.4%/°C)*((TSH+Tamb)–25°C))
Where:
RCA = Resistance of Coil at Ambient temperature, including self
heating
RCN = Nominal Resistance of Coil at 25°C, without self heating
Tamb = Ambient temperature, °C
TSH = Self heating of coil, °C
0.4%/
°C = Resistance increase coefficient for copper
Figure 7 shows power dissipation plotted as a function of coil
resistance and voltage. Since coil resistance is a function of
temperature, the maximum power dissipation plotted will only occur
at the lowest specified operating temperature. The power dissipation
is lowest at the highest ambient temperature because of the
increase in coil resistance with temperature.
This maximum power dissipation will only occur during a fault
condition in which the system voltage rises to 18V, generally
because of a failed voltage regulator controlling the vehicles battery
voltage. Power dissipation will be lower when air core meter
movements with higher nominal coil resistance are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com