Electronic Components Datasheet Search
  English  ▼

X  

SA5778 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5778
Description  Serial triple gauge driver STGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5778 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5778 Datasheet HTML 1Page - NXP Semiconductors SA5778 Datasheet HTML 2Page - NXP Semiconductors SA5778 Datasheet HTML 3Page - NXP Semiconductors SA5778 Datasheet HTML 4Page - NXP Semiconductors SA5778 Datasheet HTML 5Page - NXP Semiconductors SA5778 Datasheet HTML 6Page - NXP Semiconductors SA5778 Datasheet HTML 7Page - NXP Semiconductors SA5778 Datasheet HTML 8Page - NXP Semiconductors SA5778 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
SA5778
Serial triple gauge driver (STGD)
1998 Apr 03
3
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
28-Pin Small Outline (SO) thermally enhanced Package
–40 to +105
°C
SA5778D
SOT136-1
PIN DESCRIPTION
Mnemonic
Pin No.
Type
Name and Function
GND
6,7,8,9,20,
21,22,&23
I
Circuit Ground Potential. The pins are used for heat dissipation to board. All pins should be soldered
to foil on the board per the thermal management description.
VBATT
10
I
Battery supply voltage
GOE
3
I
Gauge Output Enable: A high on this input enables normal operation of the gauge coil drivers.
See Table 1.
RUN
2
I
RUN (Ignition): Input to sense the state of the Ignition switch. See Table 1.
SwCONTROL
4
O
Switched Battery Control: Control output to switch on a protected VBATT supply via an external PNP
transistor. This output is controlled by the RUN input, GOE input and the on chip protection circuits.
SwBATT1
SwBATT2
5,
11
I
I
Switched Battery Supplies: Used as the reference level for the DACs, bias voltage for the second coils
of the minor gauges, and the supply for the output buffers for the major and minor gauges. One supplies
the major gauge drivers and related circuits, while the other supplies the minor gauge circuits. Both
SwBATT inputs must be connected to the control transistor as the two inputs are not connected internally.
SCLK
24
I
Serial Clock: Used to clock data into and out of the STGD. Data is shifted MSB first.
DATAIN
18
I
Data In: Data is loaded on the rising edge of SCLK and is shifted in MSB first.
DATAOUT
12
O
Data Out: Is provided to permit the STGD to pass status information back to the controlling
microcontroller, and to allow multiple devices to be connected in series.
ST
25
O
Status Output: This is an open drain output. Status outputs from several devices may be wire OR’ed
together. This output is low when the outputs are disabled due to a fault condition. The outputs may be
disabled due to shorted outputs, over temperature, power up reset, or the GOE control pin and this
condition is reflected on the ST pin. The outputs will also be disabled due to an over voltage condition,
however this is not reported on the ST pin as over voltage should be a transient condition.
CS
19
I
Chip Select: Active high chip select input. When CS is high, the part is enabled to receive data on the
DATAin pin and output data on the DATAout pin. A low to high transition of CS captures device status in
the shift register for output. A high to low transition of CS loads gauge data from the shift register into
the data latches.
SIN+
1
O
Sine Positive: Driver output to sine coil of major gauge, positive side.
SIN–
28
O
Sine Negative: Driver output to sine coil of major gauge, negative side.
COS+
27
O
Cosine Positive: Driver output to cosine coil of major gauge, positive side.
COS–
26
O
Cosine Negative: Driver output to cosine coil of major gauge, negative side.
C1+
16
O
Coil 1 Positive: Driver output to driven coil of minor gauge 1, positive side.
C1–
17
O
Coil 1 Negative: Driver output to driven coil of minor gauge 1, negative side.
C2+
15
O
Coil 2 Positive: Driver output to driven coil of minor gauge 2, positive side.
C2–
14
O
Coil 2 Negative: Driver output to driven coil of minor gauge 2, negative side.
COM
13
O
Common: Driver output for junction of bias coils for minor gauges. This output is regulated to half of
SwBATT.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VBATT
Battery supply voltage, with recommended 1K
W series resistor
40
V
VIN1
Input voltage; Data In, CS, SCLK, GOE
–1 to +7
V
VIN2
Input voltage; SwBATT
–1 to +24
V
VIN3
Input voltage; RUN, with recommended RC Circuit
–1 to +40
V
PD
Power Dissipation (Tamb = 105°C) SO-28 Package
1400
mw
Tamb
Ambient operating temperature
–40 to +105
°C
TJ
Junction temperature1
+150/+160
°C
θJA
Thermal Impedance
See Thermal Management Section
°C/W
NOTE:
1. 160
°C junction temperature is permitted during high battery (>16V) fault operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com