Electronic Components Datasheet Search
  English  ▼

X  

SA5778 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5778
Description  Serial triple gauge driver STGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5778 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5778 Datasheet HTML 5Page - NXP Semiconductors SA5778 Datasheet HTML 6Page - NXP Semiconductors SA5778 Datasheet HTML 7Page - NXP Semiconductors SA5778 Datasheet HTML 8Page - NXP Semiconductors SA5778 Datasheet HTML 9Page - NXP Semiconductors SA5778 Datasheet HTML 10Page - NXP Semiconductors SA5778 Datasheet HTML 11Page - NXP Semiconductors SA5778 Datasheet HTML 12Page - NXP Semiconductors SA5778 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
SA5778
Serial triple gauge driver (STGD)
1998 Apr 03
9
0
500
1000
1500
2000
2500
3000
3500
50
45
40
35
30
25
PCB COPPER HEAT SINK AREA (SQ mm)
1.4W LIMIT
ΘJA (°C/W)
SR01497
Figure 8.
θJA for SO28 with 8 Fused Pins
One-sided PCB (2 oz. Copper), e = 0.9, Tamb = 105°C, P = 1.4–1.8W
SR01498
35
0
500
1000
1500
2000
2500
3000
45
40
30
25
PCB COPPER HEAT SINK AREA (SQ mm)
1.4W LIMIT
ΘJA (°C/W)
Figure 9.
θJA for SO28 with 8 Fused Pins
Two-sided PCB (2 oz. Copper), e = 0.9, Tamb = 105°C, P = 1.4–1.8W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com