Electronic Components Datasheet Search
  English  ▼

X  

SA5778 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5778
Description  Serial triple gauge driver STGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5778 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5778 Datasheet HTML 4Page - NXP Semiconductors SA5778 Datasheet HTML 5Page - NXP Semiconductors SA5778 Datasheet HTML 6Page - NXP Semiconductors SA5778 Datasheet HTML 7Page - NXP Semiconductors SA5778 Datasheet HTML 8Page - NXP Semiconductors SA5778 Datasheet HTML 9Page - NXP Semiconductors SA5778 Datasheet HTML 10Page - NXP Semiconductors SA5778 Datasheet HTML 11Page - NXP Semiconductors SA5778 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
SA5778
Serial triple gauge driver (STGD)
1998 Apr 03
8
SR01430
3.0
2.5
2.0
1.5
1.0
0.5
0.0
125
150
175
235
325
POWER DISSIPATION FOR COIL
RESISTANCE IN OHMS AND OP-
ERATING BATTERY VOLTAGE
LOAD RESISTANCE
(
Ω)
VSWBATT
(V)
POWER
(W)
Figure 7.
Power Dissipation of the STGD as a Function of Coil Resistance and Operating Voltage
The STGD is specified to operate up to VBATTmax. The over voltage
shutdown circuit will turn off the output buffers and the switched
battery supply when the battery voltage reaches VOVSD. Over
temperature conditions will also cause the output buffers to be
disabled.
The STGD employs a thermally enhanced SO-28 package. The
center four pins on each side are fused to the die pad to create a
path for removal of heat from the package to the copper foil on the
PC board. An area of copper foil is required on the PC board for
heat dissipation at higher power dissipation levels.
In order to determine the size of the copper foil required, both
thermal testing and thermal modeling were used. The effective
ΘJA (thermal resistance, junction to ambient) was determined using
both single and double sided PCBs with heat-sinking copper foil
areas. Figures 8 and 9 show the effect of PCB copper foil area on
the effective thermal resistance of the STGD part/PCB system.
Figure 8 shows the thermal resistance of the STGD mounted on a
PC board with heat-sinking copper on the component side only.
Figure 9 is a similar plot for a two sided PC board (same size copper
areas on each side). Both plots assume a 60 x 60 x 1.57 mm FR4
board with varying square-shaped sizes of 2 oz. copper. The two
sided board also assumes 8 thermal bias with 0.36 mm2 cross
section.
It is important to note that at such a high ambient temperature (worst
case of 105
°C assumed), radiation is just as significant as
convection in the dissipation of heat. Good radiation is highly
dependent on the emissivity of the heated surface, so the thermal
radiation properties of the copper foil should be considered. Bare,
clean copper is a good thermal conductor, but it has a low emissivity,
and is therefore a bad radiator. It is recommended that the copper
areas intended for heat dissipation be left covered with solder mask
or otherwise blackened to increase the emissivity, thereby improving
the heat radiating ability of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com