Electronic Components Datasheet Search
  English  ▼

X  

SA5778 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5778
Description  Serial triple gauge driver STGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5778 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5778 Datasheet HTML 1Page - NXP Semiconductors SA5778 Datasheet HTML 2Page - NXP Semiconductors SA5778 Datasheet HTML 3Page - NXP Semiconductors SA5778 Datasheet HTML 4Page - NXP Semiconductors SA5778 Datasheet HTML 5Page - NXP Semiconductors SA5778 Datasheet HTML 6Page - NXP Semiconductors SA5778 Datasheet HTML 7Page - NXP Semiconductors SA5778 Datasheet HTML 8Page - NXP Semiconductors SA5778 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
SA5778
Serial triple gauge driver (STGD)
1998 Apr 03
4
DC ELECTRICAL CHARACTERISTICS
VBATT = 8.0 to 16V; Tamb = –40 to +105°C
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
VBATT
Battery supply voltage
Normal operating range
8
16
V
VSWBATT
Switched battery supply voltage
Normal operating range
7.5
16
V
IBATT
Battery supply current, operating
VBATT = VBATTMAX
RL = RLMIN
0.5
ma
ISWBATT
Switched battery supply current, operating
Normal operating range
400
ma
IBATTSB
Battery supply current, standby
VBATT = 12 V
60
µA
VOH1
Output high voltage
DATAOUT, IOH = 300µA
4.0
V
VOH2
Output high voltage
SwCONTROL, IOH = 10µA
40
V
IOH
Off state output current
ST, VOH = 5 V
25
µA
VOL1
Output low voltage
ST, DATAOUT, IOL = 1.5 mA
0.4
V
SwCONTROL,
VOL2
Output low voltage
IOL = 50 mA @ VBATTMAX
1.5
V
IOL = 20 mA @ VBATTMIN
1.2
V
VIH
Input high voltage
CS, SCLK, DATAIN, GOE, RUN
3.5
V
VIL
Input low voltage
CS, SCLK, DATAIN, GOE, RUN
1.5
V
VOVSD
Battery overvoltage shutdown voltage
VBATT
18
23
V
IIH
Input high current
CS, SCLK, DATAIN, RUN GOE;
VIH = 3.5
10
µA
IIL
Input low current
CS, SCLK, DATAIN, RUN GOE;
VIL=1.5
10
µA
ACC1
Output function accuracy, major gauge
RL = RLMIN; major gauge, G1
–0.5
+0.5
Deg
ACC2,3
Output function accuracy, minor gauges
RL = RLMIN; minor gauges, G2 & G3
–1.0
+1.0
Deg
VDRIVE1
Coil drive voltage, major gauge
68
71
78
%
SwBATT
VDRIVE2,3 Coil drive voltage, minor gauges
70
74
80
%
SwBATT
Tamb = 105°C
226
Ω
RLMIN
Minimum coil load resistance
Tamb = 25°C
171
Ω
Tamb = –40°C
127
Ω
VCOM
Minor gauge bias voltage
IOB (Source or Sink)
RL = RLMIN
0.475
×
SwBATT
0.525
×
SwBATT
V
AC ELECTRICAL CHARACTERISTICS
VBATT = 7.5 to 16V; Tamb = –40 to +105°C
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
tCYC
Clock cycle time
625
ns
FSCLK
Clock frequency
TCYC
1.60
MHz
tSCLKL
SCLK LOW time
175
ns
tSCLKH
SCLK HIGH time
175
ns
tCSH
CS high to SCLK high time
75
ns
tCSL
SCLK low to CS low time
75
ns
tSU
DATAIN setup to SCLK high time
75
ns
tHD
SCLK high to DATAIN hold time
75
ns
tDR
DATAOUT rise time
0.8 to 3.6V; CL = 90pF
75
ns
tDF
DATAOUT fall time
3.6 to 0.8V; CL = 90pF
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com